Part Number Hot Search : 
BZT52C18 DC2300 UA301A IRL370 10100C NSR01 0015800 IMP811
Product Description
Full Text Search
 

To Download EUR2350M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com part number: EUR2350M 19.05mmx3.81mm led light bar apr 01,2011 sdsa0348 v5 layout: maggie l. p. 1/3 features robust package uniform light disbursement ideal for backlighting logos or icons excellent for flush mounting rohs compliant absolute maximum ratings (t a =25c) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p d 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3-5 seconds package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. ur (gaasp/gap) unit forward voltage (typ.) (i f =20ma) v f 2 v forward voltage (max.) (i f =20ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 627 nm wavelength of dominant emission (typ.) (i f =20ma) d 625 nm spectral line full width at half-maximum (typ.) (i f =20ma) 45 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength nm p lens min. typ. EUR2350M red gaasp/gap 20 49 627 white diffused luminous intensity (i f =20ma) mcd
www.sunled.com part number: EUR2350M 19.05mmx3.81mm led light bar apr 01,2011 sdsa0348 v5 layout: maggie l. p. 2/3 ? ur remarks: if special sorting is required (e.g . binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com part number: EUR2350M 19.05mmx3.81mm led light bar apr 01,2011 sdsa0348 v5 layout: maggie l. p. 3/3 packing & label specifications


▲Up To Search▲   

 
Price & Availability of EUR2350M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X